Part Number Hot Search : 
KG9501 SLA50 M74HC3 05100 SV153 ZMD31010 MBR1040F 43650
Product Description
Full Text Search
 

To Download 1025YI-28TE13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mr v cc nc scl sda reset nc v ss cat1024 1 2 3 4 8 7 6 5 cat1024, cat1025 supervisory circuits with i 2 c serial 2k cmos eeprom and manual reset features  precision power supply voltage monitor ?5v, 3.3v and 3v systems ?five threshold voltage options  active high or low reset ?valid reset guaranteed at v cc =1v  400khz i 2 c bus  2.7v to 5.5v operation  low power cmos technology  16-byte page write buffer  built-in inadvertent write protection ?wp pin (cat1025)  1,000,000 program/erase cycles  manual reset input  100 year data retention  8-pin dip, soic, tssop, tdfn (msop (3x4.9mm) & 3x3mm foot prints) or msop packages  automotive, extended automotive and industrial temperature ranges pin configuration ?2003 by catalyst semiconductor, inc. characteristics subject to change without notice description the cat1024 and cat1025 are complete memory and supervisory solutions for microcontroller-based systems. a 2kbit serial eeprom memory and a system power supervisor with brown-out protection are integrated together in low power cmos technology. memory interface is via a 400khz i 2 c bus. the cat1025 provides a precision v cc sense circuit and two open drain outputs: one (reset) drives high and the other ( reset ) drives low whenever v cc falls below the reset threshold voltage. the cat1025 also has a write protect input (wp). write operations are disabled if wp is connected to a logic high. the cat1024 also provides a precision v cc sense circuit, but has only a reset output and does not have a write protect input. the power supply monitor and reset circuit protect memory and system controllers during power up/down and against brownout conditions. five reset threshold doc no. 3008, rev. g voltages support 5v, 3.3v and 3v systems. if power supply voltages are out of tolerance reset signals become active, preventing the system microcontroller, asic or peripherals from operating. reset signals become inactive typically 200 ms after the supply voltage exceeds the reset threshold level. with both active high and low reset signals, interface to microcontrollers and other ics is simple. in addition, the reset pin or a separate input, mr , can be used as an input for push-button manual reset capability. the cat1024/25 memory features a 16-byte page. in addition, hardware data protection is provided by a v cc sense circuit that prevents writes to memory whenever v cc falls below the reset threshold or until v cc reaches the reset threshold during power up. available packages include an 8-pin dip and a surface mount 8-pin so, 8-pin tssop, 8-pin tdfn and 8-pin msop packages. the tdfn package thickness is 0.8mm maximum. tdfn footprint options are 3x3mm or 3x4.9mm (msop pad layout). preliminary information mr v cc scl sda reset v ss cat1025 1 2 3 4 8 7 6 5 v cc wp reset (bottom view) tdfn package: 3mm x 4.9mm 0.8mm maximum height - (rd2) 1 2 3 4 8 7 6 5 cat1025 v cc wp scl sda mr rese t rese t v ss 1 2 3 4 8 7 6 5 v cc nc scl sda mr rese t nc v ss cat1024 (bottom view) tdfn package: 3mm x 3mm 0.8mm maximum height - (rd4) 1 2 3 4 8 7 6 5 v cc nc scl sda mr rese t nc v ss cat1024 1 2 3 4 8 7 6 5 v cc wp scl sda mr rese t reset v ss cat1025
2 cat1024, cat1025 preliminary information doc. no. 3008, rev. g block diagram cat1024, cat1025 2kbit d out ack sense amps shift registers control logic word address buffers start/stop logic eeprom v cc external load column decoders xdec data in storage high voltage/ timing control v ss sda reset controller precision vcc monitor state counters slave address comparators scl reset reset mr wp* *cat1025 only * pin functions pin name function nc no connect reset active low reset input/output v ss ground sda serial data/address scl clock input reset active high reset output (cat1025 only) v cc power supply wp write protect (cat1025 only) mr manual reset input operating temperature range industrial -40?c to 85?c automotive -40?c to 105?c extended -40?c to 125?c part dash minimum maximum number threshold threshold -45 4.50 4.75 -42 4.25 4.50 -30 3.00 3.15 -28 2.85 3.00 -25 2.55 2.70 threshold voltage options
3 preliminary information cat1024, cat1025 doc no. 3008, rev. g pin description reset/ reset reset reset reset reset : reset outputs (reset cat1025 only) these are open drain pins and reset can be used as a manual reset trigger input. by forcing a reset condition on the pin the device will initiate and maintain a reset condition. the reset pin must be connected through a pull-down resistor, and the reset pin must be connected through a pull-up resistor. sda: serial data address the bidirectional serial data/address pin is used to transfer all data into and out of the device. the sda pin is an open drain output and can be wire-ored with other open drain or open collector outputs. scl: serial clock serial clock input. mr: mr: mr: mr: mr: manual reset input manual reset input is a debounced input that can be connected to an external source for manual reset. pulling the mr input low will generate a reset condition. reset outputs are active while mr input is low and for the reset timeout period after mr returns to high. the input has an internal pull up resistor. wp (cat1025 only): write protect input when tied to v ss or left unconnected write operations to the entire array are allowed. when tied to v cc , the entire array is protected. this input has an internal pull down resistor. cat10xx family overview for supervisory circuits with embedded 16k eeprom, please refer to the cat1161, cat1162 and cat1163 data sheets. e c i v e d l a u n a m t e s e r n i p t u p n i g o d h c t a w g o d h c t a w r o t i n o m n i p e t i r w n o i t c e t o r p n i p t n e d n e p e d n i y r a i l i x u a e s n e s e g a t l o v e v i t c a : t e s e r w o l d n a h g i h m o r p e e 1 2 0 1 t a c a d s k 2 2 2 0 1 t a c a d s k 2 3 2 0 1 t a c i d w k 2 4 2 0 1 t a c k 2 5 2 0 1 t a c k 2 6 2 0 1 t a c k 2 7 2 0 1 t a c i d w k 2
4 cat1024, cat1025 preliminary information doc. no. 3008, rev. g d.c. operating characteristics v cc = +2.7v to +5.5v and over the recommended temperature conditions unless otherwise specified. notes: 1. this parameter is tested initially and after a design or process change that affects the parameter. not 100% tested. 2. latch-up protection is provided for stresses up to 100ma on input and output pins from -1v to v cc + 1v. 3. v il min and v ih max are reference values only and are not tested. l o b m y sr e t e m a r a ps n o i t i d n o c t s e tn i mp y tx a ms t i n u i i l t n e r r u c e g a k a e l t u p n iv n i c c v o t d n g =2 -0 1a i o l t n e r r u c e g a k a e l t u p t u ov n i c c v o t d n g =0 1 -0 1a i 1 c c ) e t i r w ( t n e r r u c y l p p u s r e w o p f l c s z h k 0 0 4 = v c c v 5 . 5 = 3a m i 2 c c ) d a e r ( t n e r r u c y l p p u s r e w o p f l c s z h k 0 0 4 = v c c v 5 . 5 = 1a m i b s t n e r r u c y b d n a t s , v 5 . 5 = c c v v n i c c v r o d n g = 0 4a v l i 3 e g a t l o v w o l t u p n i5 . 0 -c c v x 3 . 0v v h i 3 e g a t l o v h g i h t u p n ic c v x 7 . 05 . 0 + c c vv v l o e g a t l o v w o l t u p t u o , a d s ( t e s e r ) i l o a m 3 = v c c v 7 . 2 = 4 . 0v v h o e g a t l o v h g i h t u p t u o ) t e s e r ( i h o a m 4 . 0 - = v c c v 7 . 2 = - c c v 5 7 . 0 v v h t d l o h s e r h t t e s e r 5 4 - x 2 0 1 t a c v ( c c ) v 5 = 0 5 . 45 7 . 4 v 2 4 - x 2 0 1 t a c v ( c c ) v 5 = 5 2 . 40 5 . 4 0 3 - x 2 0 1 t a c v ( c c ) v 3 . 3 = 0 0 . 35 1 . 3 8 2 - x 2 0 1 t a c v ( c c ) v 3 . 3 = 5 8 . 20 0 . 3 5 2 - x 2 0 1 t a c v ( c c ) v 3 = 5 5 . 20 7 . 2 v d i l a v r v d i l a v t u p t u o t e s e r c c e g a t l o v0 0 . 1v v t r 1 s i s e r e t s y h d l o h s e r h t t e s e r5 1v m absolute maximum ratings temperature under bias ................. ?5 c to +125 c storage temperature ....................... ?5 c to +150 c voltage on any pin with respect to ground (1) ............ ?.0v to +v cc +2.0v v cc with respect to ground ............... ?.0v to +7.0v package power dissipation capability (t a = 25 c) ................................... 1.0w lead soldering temperature (10 secs) ............ 300 c output short circuit current (2) ........................ 100 ma stresses above those listed under ?bsolute maximum ratings?may cause permanent damage to the device. these are stress ratings only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this specification is not implied. exposure to any absolute maximum rating for extended periods may affect device performance and reliability. note: (1) the minimum dc input voltage is ?.5v. during transitions, inputs may undershoot to ?.0v for periods of less than 20 ns. maximum dc voltage on output pins is v cc +0.5v, which may overshoot to v cc +2.0v for periods of less than 20 ns. (2) output shorted for no more than one second. no more than one output shorted at a time.
5 preliminary information cat1024, cat1025 doc no. 3008, rev. g capacitance t a = 25 c, f = 1.0 mhz, v cc = 5v symbol test test conditions max units c out (1) output capacitance v out = 0v 8 pf c in (1) input capacitance v in = 0v 6 pf a.c. characteristics v cc = 2.7v to 5.5v and over the recommended temperature conditions, unless otherwise specified. notes: 1. this parameter is characterized initially and after a design or process change that affects the parameter. not 100% tested. 2. test conditions according to ?c test conditions?table. 3. the write cycle time is the time from a valid stop condition of a write sequence to the end of the internal program/erase cycle. during the write cycle, the bus interface circuits are disabled, sda is allowed to remain high and the device does not respond to its slave address. e l c y c e t i r w & d a e r y r o m e m 2 l o b m y sr e t e m a r a pn i mx a ms t i n u f l c s y c n e u q e r f k c o l c0 0 4z h k t p s e k i p s r e t l i f t u p n i ) l c s , a d s ( n o i s s e r p p u s 0 0 1s n t w o l d o i r e p w o l k c o l c3 . 1s t h g i h d o i r e p h g i h k c o l c6 . 0s t r 1 e m i t e s i r l c s d n a a d s0 0 3s n t f 1 e m i t l l a f l c s d n a a d s0 0 3s n t a t s ; d h e m i t d l o h n o i t i d n o c t r a t s6 . 0s t a t s ; u s e m i t p u t e s n o i t i d n o c t r a t s ) t r a t s d e t a e p e r a r o f ( 6 . 0s t t a d ; d h e m i t d l o h t u p n i a t a d0s n t t a d ; u s e m i t p u t e s t u p n i a t a d0 0 1s n t o t s ; u s e m i t p u t e s n o i t i d n o c p o t s6 . 0s t a a d i l a v t u o a t a d o t w o l l c s0 0 9s n t h d e m i t d l o h t u o a t a d0 5s n t f u b 1 a e r o f e b e e r f e b t s u m s u b e h t e m i t t r a t s n a c n o i s s i m s n a r t w e n 3 . 1s t c w 3 ) e g a p r o e t y b ( e m i t e l c y c e t i r w5s m
6 cat1024, cat1025 preliminary information doc. no. 3008, rev. g reset circuit a.c. characteristics notes: 1. test conditions according to ?c test conditions?table. 2. power-up, input reference voltage v cc = v th , reset output reference voltage and load according to ?c test conditions?table 3. power-down, input reference voltage v cc = v th , reset output reference voltage and load according to ?c test conditions?table 4. v cc glitch reference voltage = v thmin ; based on characterization data 5. this parameter is characterized initially and after a design or process change that affects the parameter. not 100% tested. 6. t pur and t puw are the delays required from the time v cc is stable until the specified memory operation can be initiated. ac test conditions s e g a t l o v e s l u p t u p n iv 2 . 0 c c v 8 . 0 o t c c s e m i t l l a f d n a e s i r t u p n is n 0 1 s e g a t l o v e c n e r e f e r t u p n iv 3 . 0 c c v 7 . 0 , c c s e g a t l o v e c n e r e f e r t u p t u ov 5 . 0 c c d a o l t u p t u o i : e c r u o s t n e r r u c l o ; a m 3 = c l f p 0 0 1 = l o b m y sr e t e m a r a p t s e t s n o i t i d n o c n i mp y tx a ms t i n u t t s r u p t u o e m i t t e s e r2 e t o n0 3 10 0 20 7 2s m t d p r v h t y a l e d t u p t u o t e s e r o t3 e t o n5s t h c t i l g v c c h t d i w e s l u p t c e j e r h c t i l g5 , 4 e t o n0 3s n h c t i l g r my t i n u m m i h c t i l g t e s e r l a u n a m1 e t o n0 0 1s n t w r m h t d i w e s l u p r m1 e t o n5 s t d r m y a l e d t u p t u o t e s e r o t t u p n i r m1 e t o n1s g n i m i t p u - r e w o p 6 , 5 l o b m y sr e t e m a r a p t s e t s n o i t i d n o c n i mp y tx a ms t i n u t r u p n o i t a r e p o d a e r o t p u - r e w o p 0 7 2s m t w u p n o i t a r e p o e t i r w o t p u - r e w o p 0 7 2s m reliability characteristics symbol parameter reference test method min max units n end (1) endurance mil-std-883, test method 1033 1,000,000 cycles/byte t dr (1) data retention mil-std-883, test method 1008 100 years v zap (1) esd susceptibility mil-std-883, test method 3015 2000 volts i lth (1)(2) latch-up jedec standard 17 100 ma
7 preliminary information cat1024, cat1025 doc no. 3008, rev. g including write operations. if the reset output(s) are active, in progress communications to the eeprom are aborted and no new communications are allowed. in this condition an internal write cycle to the memory can not be started, but an in progress internal non-volatile memory write cycle can not be aborted. an internal write cycle initiated before the reset condition can be successfully finished if there is enough time (5ms) before vcc reaches the minimum value of 2v. in addition, the cat1025 includes a write protection input which when tied to v cc will disable any write operations to the device. device operation reset controller description the cat1024/25 precision reset controllers ensure correct system operation during brownout and power up/down conditions. they are configured with open drain reset outputs. during power-up, the reset outputs remain active until v cc reaches the v th threshold and will continue driving the outputs for approximately 200ms (t purst ) after reaching v th . after the t purst timeout interval, the device will cease to drive the reset outputs. at this point the reset outputs will be pulled up or down by their respective pull up/down resistors. during power-down, the reset outputs will be active when v cc falls below v th . the reset output will be valid so long as v cc is >1.0v (v rvalid ). the device is designed to ignore the fast negative going v cc transient pulses (glitches). reset output timing is shown in figure 1. manual reset operation the reset pin can operate as reset output and manual reset input. the input is edge triggered; that is, the reset input will initiate a reset timeout after detecting a high to low transition. when reset i/o is driven to the active state, the 200 msec timer will begin to time the reset interval. if external reset is shorter than 200 ms, reset outputs will remain active at least 200 ms. cat1024/25 also have a separate manual reset input. driving the mr input low by connecting a pushbutton (normally open) from mr pin to gnd will generate a reset condition. the input has a internal pull up resistor. reset remains asserted while mr is low and for the reset timeout period after mr input has gone high. glitches shorter than 100 ns on mr input will not generate a reset pulse. no external debouncing circuits are required. manual reset operation using mr input is shown in figure 2. hardware data protection the cat1024/25 family has been designed to solve many of the data corruption issues that have long been associated with serial eeproms. data corruption occurs when incorrect data is stored in a memory location which is assumed to hold correct data. whenever the device is in a reset condition, the embedded eeprom is disabled for all operations,
8 cat1024, cat1025 preliminary information doc. no. 3008, rev. g figure 2. mr mr mr mr mr operation and timing mr reset reset t mrd t purst t mrw figure 1. reset output timing glitch t v cc purst t purst t rpd t rvalid v v th reset reset rpd t
9 preliminary information cat1024, cat1025 doc no. 3008, rev. g embedded eeprom operation the cat1024 and cat1025 feature a 2kbit embedded serial eeprom that supports the i 2 c bus data transmission protocol. this inter-integrated circuit bus protocol defines any device that sends data to the bus to be a transmitter and any device receiving data to be a receiver. the transfer is controlled by the master device which generates the serial clock and all start and stop conditions for bus access. both the master device and slave device can operate as either transmitter or receiver, but the master device controls which mode is activated. i 2 c bus protocol the features of the i 2 c bus protocol are defined as follows: (1) data transfer may be initiated only when the bus is not busy. (2) during a data transfer, the data line must remain stable whenever the clock line is high. any changes in the data line while the clock line is high will be interpreted as a start or stop condition. start condition the start condition precedes all commands to the device, and is defined as a high to low transition of sda when scl is high. the cat1024/25 monitors the sda and scl lines and will not respond until this condition is met. stop condition a low to high transition of sda when scl is high determines the stop condition. all operations must end with a stop condition. device addressing the master begins a transmission by sending a start condition. the master sends the address of the particular slave device it is requesting. the four most significant bits of the 8-bit slave address are programmable in metal and the default is 1010. the last bit of the slave address specifies whether a read or write operation is to be performed. when this bit is set to 1, a read operation is selected, and when set to 0, a write operation is selected. after the master sends a start condition and the slave address byte, the cat1024/25 monitors the bus and responds with an acknowledge (on the sda line) when its address matches the transmitted slave address. the cat1024/25 then performs a read or write operation depending on the r/ w bit. t wr stop condition start condition address ack 8th bit byte n scl sda figure 4. write cycle timing t high scl sda in sda out t low t f t low t r t buf t su:sto t su:dat t hd:dat t hd:sta t su:sta t aa t dh figure 3. bus timing
10 cat1024, cat1025 preliminary information doc. no. 3008, rev. g acknowledge after a successful data transfer, each receiving device is required to generate an acknowledge. the acknowledging device pulls down the sda line during the ninth clock cycle, signaling that it received the 8 bits of data. the cat1024/25 responds with an acknowledge after receiving a start condition and its slave address. if the device has been selected along with a write operation, it responds with an acknowledge after receiving each 8- bit byte. when the cat1024/25 begins a read mode it transmits 8 bits of data, releases the sda line and monitors the line for an acknowledge. once it receives this acknowledge, the cat1024/25 will continue to transmit data. if no acknowledge is sent by the master, the device terminates data transmission and waits for a stop condition. write operations byte write in the byte write mode, the master device sends the start condition and the slave address information (with the r/ w bit set to zero) to the slave device. after the slave generates an acknowledge, the master sends a 8-bit address that is to be written into the address pointers of the device. after receiving another acknowledge from the slave, the master device transmits the data to be written into the addressed memory location. the cat1024/25 acknowledges once more and the master generates the stop condition. at this time, the device begins an internal programming cycle to non-volatile memory. while the cycle is in progress, the device will not respond to any request from the master device. figure 7. slave address bits cat default configuration 1 0100 00r/w start bit sda stop bit scl figure 5. start/stop timing acknowledge 1 start scl from master 89 data output from transmitter data output from receiver figure 6. acknowledge timing
11 preliminary information cat1024, cat1025 doc no. 3008, rev. g page write the cat1024/25 writes up to 16 bytes of data in a single write cycle, using the page write operation. the page write operation is initiated in the same manner as the byte write operation, however instead of terminating after the initial byte is transmitted, the master is allowed to send up to 15 additional bytes. after each byte has been transmitted, the cat1024/25 will respond with an acknowledge and internally increment the lower order address bits by one. the high order bits remain unchanged. if the master transmits more than 16 bytes before sending the stop condition, the address counter wraps around, and previously transmitted data will be overwritten. when all 16 bytes are received, and the stop condition has been sent by the master, the internal programming cycle begins. at this point, all received data is written to the cat1024/25 in a single write cycle. byte address slave address s a c k a c k data a c k s t o p p bus activity: master sda line s t a r t figure 8. byte write timing figure 9. page write timing bus activity: master sda line data n+15 byte address (n) a c k a c k data n a c k s t o p s a c k data n+1 a c k s t a r t p slave address
12 cat1024, cat1025 preliminary information doc. no. 3008, rev. g acknowledge polling disabling of the inputs can be used to take advantage of the typical write cycle time. once the stop condition is issued to indicate the end of the host s write opration, the cat1024/25 initiates the internal write cycle. ack polling can be initiated immediately. this involves issuing the start condition followed by the slave address for a write operation. if the device is still busy with the write operation, no ack will be returned. if a write operation has completed, an ack will be returned and the host can then proceed with the next read or write operation. write protection the write protection feature (cat1025 only) allows the user to protect against inadvertent memory array programming. if the wp pin is tied to v cc , the entire memory array is protected and becomes read only. the cat1025 will accept both slave and byte addresses, but the memory location accessed is protected from programming by the device s failure to send an acknowledge after the first byte of data is received. read operations the read operation for the cat1024/25 is initiated in the same manner as the write operation with one exception, that r/ w bit is set to one. three different read operations are possible: immediate/current address read, selective/random read and sequential read. scl sda 8th bit stop no ack data out 89 slave address s a c k data n o a c k s t o p p bus activity: master sda line s t a r t figure 10. immediate address read timing
13 preliminary information cat1024, cat1025 doc no. 3008, rev. g immediate/current address read the cat1024 and cat1025 address counter contains the address of the last byte accessed, incremented by one. in other words, if the last read or write access was to address n, the read immediately following would access data from address n+1. for all devices, n=e=255. the counter will wrap around to zero and continue to clock out valid data for the 2k devices. after the cat1024 and cat1025 receives its slave address information (with the r/ w bit set to one), it issues an acknowledge, then transmits the 8-bit byte requested. the master device does not send an acknowledge, but will generate a stop condition. selective/random read selective/random read operations allow the master device to select at random any memory location for a read operation. the master device first performs a dummy write operation by sending the start condition, slave address and byte addresses of the location it wishes to read. after the cat1024 and cat1025 acknowledges, the master device sends the start condition and the slave address again, this time with the r/ w bit set to one. the cat1024 and cat1025 then responds with its acknowledge and sends the 8-bit byte requested. the master device does not send an acknowledge but will generate a stop condition. sequential read the sequential read operation can be initiated by either the immediate address read or selective read operations. after the cat1024 and cat1025 sends the inital 8-bit byte requested, the master will responds with an acknowledge which tells the device it requires more data. the cat1024 and cat1025 will continue to output an 8-bit byte for each acknowledge, thus sending the stop condition. the data being transmitted from the cat1024 and cat1025 is sent sequentially with the data from address n followed by data from address n+1. the read operation address counter increments all of the cat1024 and cat1025 address bits so that the entire memory array can be read during one operation. slave address s a c k n o a c k s t o p p bus activity: master sda line s t a r t byte address (n) s a c k data n slave address a c k s t a r t figure 11. selective read timing bus activity: master sda line data n+x data n a c k a c k data n+1 a c k s t o p n o a c k data n+2 a c k p slave address figure 12. sequential read timing
14 cat1024, cat1025 preliminary information doc. no. 3008, rev. g d 0.08 c f 0.10 c 0.10m c a b 0.15 8 5 a 5 b 8 3.00 + 0.15 2.00 + 0.15 0.10 0.15 0.20 0.25 pin 1 id 0.60 + 0.10 (8x) d 0.15 c 2x 4.90 + 0.10 (5) 1 pin 1 index area 3.00 + 0.10 (s) 4 2x d c 4 0.30 + 0.05 (8x) 8x j 1.95 ref. (2x) 1 0.65 typ. (6x) 0.75 + 0.05 0.0-0.05 8x 0.20 ref. c note: 1. all dimension are in mm. angles in degrees. 2. coplanarity applies to the exposed pad as well as the terminals. coplanarity shall not exceed 0.08mm. 3. warpage shall not exceed 0.10mm. 4. package length / package width are considered as special characteristic(s). 5. refer to jedec mo-229, footprints are compatible to 8 msop. tdfn 3x4.9 package (rd2) package outlines
15 preliminary information cat1024, cat1025 doc no. 3008, rev. g 3.00 + 0.10 (s) 85 1 4 3.00 + 0.10 (s) pin 1 index area c 0.75 + 0.05 0.0 - 0.05 0.30 + 0.07 (8x) 0.25 min. 0.75 + 0.05 a b 58 2.30 + 0.10 c0.35 pin 1 id 1.50 + 0.10 1.95 ref. (2x) 0.65 typ. (6x) 0.30 + 0.10 (8x) 1 2x 2x 0.15 0.15 c c note: 1. all dimension are in mm. angles in degrees. 2. coplanarity shall not exceed 0.08 mm. 3. warpage shall not exceed 0.10 mm. 4. package length / package width are considered as special characteristic(s) 5. refer jedec mo-229 / weec tdfn 3x3 package (rd4)
16 cat1024, cat1025 preliminary information doc. no. 3008, rev. g ordering information note: (1) the device used in the above example is a cat1024si-30te13 (supervisory circuit with i 2 c serial 2k cmos eeprom, soic, industrial temperature, 3.0-3.15v reset threshold voltage, tape and reel). 1024 temperature range i = industrial (-40 ? c to 85 ? c) a = automotive (-40 ? c to +105 ? c) prefix device # suffix s i te13 product number 1024: 2k tape & reel te13: 2000/reel package p: pdip s: soic r: msop u: tssop rd2: 8-pad tdfn (3x4.9mm, msop footprint) rd4: 8-pad tdfn (3x3mm) -30 cat reset threshold voltage 45: 4.5-4.75v 42: 4.25-4.5v 30: 3.0-3.15v 28: 2.85-3.0v 25: 2.55-2.7v optional company id 1025: 2k e = extended automotive (-40 ? c to +125 ? c)
catalyst semiconductor, inc. corporate headquarters 1250 borregas avenue sunnyvale, ca 94089 phone: 408.542.1000 fax: 408.542.1200 www.catalyst-semiconductor.com copyrights, trademarks and patents trademarks and registered trademarks of catalyst semiconductor include each of the following: dpp ae 2 catalyst semiconductor has been issued u.s. and foreign patents and has patent applications pending that protect its products. for a complete list of patents issued to catalyst semiconductor contact the companys corporate office at 408.542.1000. catalyst semiconductor makes no warranty, representation or guarantee, express or implied, regarding the suitability of its products for any particular purpose, nor that the use of its products will not infringe its intellectual property rights or the rights of third parties with respect to any particular use or application and specifically disclaims any and all liability aris ing out of any such use or application, including but not limited to, consequential or incidental damages. catalyst semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgica l implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the catalyst semic onductor product could create a situation where personal injury or death may occur. catalyst semiconductor reserves the right to make changes to or discontinue any product or service described herein without not ice. products with data sheets labeled "advance information" or "preliminary" and other products described herein may not be in production or offered for sale . catalyst semiconductor advises customers to obtain the current version of the relevant product information before placing order s. circuit diagrams illustrate typical semiconductor applications and may not be complete. publication #: 3008 revison: g issue date: 4/8/03 type: preliminary


▲Up To Search▲   

 
Price & Availability of 1025YI-28TE13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X